PART |
Description |
Maker |
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
N74F620D N74F620N N74F623N 74F620 74F623 N74620D N |
Octal bus transceiver, inverting 3tate 八路总线收发器,反相3tate Octal bus transceiver, non-inverting (3-State)(八通道总线收发器,同向(三态)) Octal bus transceiver / inverting 3tate From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74VHCT540A MC74VHCT540ADW ON1757 MC74VHCT540ADT |
From old datasheet system OCTAL BUS BUFFER INVERTING
|
ONSEMI[ON Semiconductor]
|
MC74LVX240DWR2 MC74LVX240DWR2G MC74LVX240MEL 74LVX |
Octal Bus Buffer Inverting With 5V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
N74F621D N74F621N 74F621 74F621_2 |
From old datasheet system Octal bus transceiver, non-inverting open collector Octal bus transceiver, non-inverting (open collector)(八通道总线收发器,同向(集电极开路)) Octal bus transceiver / non-inverting open collector
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MC54-74HC240A MC54HC240A MC54_74HC240A ON1390 MC74 |
Octal 3-State Inverting Buffer/Line Driver/Line Receiver OCTAL 3-STATE INVERTING BUFFER/LLNE DRLVER/LLNE RECELVER From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
BXB100-48S05FLT BXB100-48S15FLT BXB100 BXB100-24S1 |
Low voltage octal bus buffer with 3 state outputs (non inverted) Quad exclusive OR gate Quad bilateral switch Low voltage octal bus buffer with 3 state outputs (inverted) Low voltage CMOS octal D-type latch with 3 state outputs non inverting Low voltage CMOS quad 2-input OR gate Octal D-type flip flop with clear 66-100W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
M74HCT367 M74HCT367B1R M74HCT367C1R M74HCT367M1R M |
HEX BUS BUFFER 3-STATE HCT367 NONINVERTING / HCT368 INVERTING HCT367 NON INVERTING, HCT368 INVERTING HEX BUS BUFFER (3-STATE) From old datasheet system HEX BUS BUFFER 3-STATE HCT367 NONINVERTING, HCT368 INVERTING 六角总线缓冲器三HCT367同相,HCT368反相
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
74ABT162240 74ABT162240DGG 74ABT162240DL BT162240D |
16-bit inverting buffer/driver with 30ohm series termination resistors ABT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 16-Bit Inverting Buffer/Driver With 30Ω Series Termination Resistors(0Ω系列电阻6位反相缓冲器/驱动 Octal bus transceivers 20-SOIC 0 to 70
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74HC240A MC74HC240ADT MC74HC240ADTR2 MC74HC240AD |
Octal Buffer Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
|
ONSEMI[ON Semiconductor]
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
74ACT244 74ACT244B 74ACT244M 74ACT244T 4825 |
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|